Part Number Hot Search : 
C67078 LBN70A44 A3240C P6SMB56A DF10S C1H10 BF494B SI3455DV
Product Description
Full Text Search
 

To Download MC14572UBCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC14572UB Hex Gate
The MC14572UB hex functional gate is constructed with MOS P-channel and N-channel enhancement mode devices in a single monolithic structure. These complementary MOS logic gates find primary use where low power dissipation and/or high noise immunity is desired. The chip contains four inverters, one NOR gate and one NAND gate. * * * * * * * * Diode Protection on All Inputs Single Supply Operation Supply Voltage Range = 3.0 Vdc to 18 Vdc NOR Input Pin Adjacent to VSS Pin to Simplify Use As An Inverter NAND Input Pin Adjacent to VDD Pin to Simplify Use As An Inverter NOR Output Pin Adjacent to Inverter Input Pin For OR Application NAND Output Pin Adjacent to Inverter Input Pin For AND Application Capable of Driving Two Low-power TTL Loads or One Low-Power Schottky TTL Load over the Rated Temperature Range
L SUFFIX CERAMIC CASE 620
P SUFFIX PLASTIC CASE 648
D SUFFIX SOIC CASE 751B
ORDERING INFORMATION
MC14XXXUBCP MC14XXXUBCL MC14XXXUBD Plastic Ceramic SOIC
IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol VDD Parameter DC Supply Voltage Value Unit V V - 0.5 to + 18.0 Vin, Vout Iin, Iout PD Tstg TL Input or Output Voltage (DC or Transient) - 0.5 to VDD + 0.5 10 500 - 65 to + 150 260 Input or Output Current (DC or Transient), per Pin Power Dissipation, per Package Storage Temperature Lead Temperature (8-Second Soldering) mA mW
TA = - 55 to 125C for all packages.
LOGIC DIAGRAM
2 1
_C _C
4
3
* Maximum Ratings are those values beyond which damage to the device may occur. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C Ceramic "L" Packages: - 12 mW/_C From 100_C To 125_C
6 7
5
CIRCUIT SCHEMATIC
VDD VDD VDD
10
9
12 7 2 1 6 VSS 13
11
14 15
13 VDD = PIN 16 VSS = PIN 8
5
14
15 VSS VSS
REV 3 1/94
(c)MOTOROLA CMOS LOGIC DATA Motorola, Inc. 1995
MC14572UB 1
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic Symbol VOL VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 VIH 5.0 10 15 IOH Source 5.0 5.0 10 15 IOL 5.0 10 15 15 -- 5.0 10 15 5.0 10 15 - 1.2 - 0.25 - 0.62 - 1.8 0.64 1.6 4.2 -- -- -- -- -- -- -- -- -- -- -- -- 0.1 -- 0.25 0.5 1.0 - 1.0 - 0.2 - 0.5 - 1.5 0.51 1.3 3.4 -- -- -- -- -- - 1.7 - 0.36 - 0.9 - 3.5 0.88 2.25 8.8 0.00001 5.0 0.0005 0.0010 0.0015 -- -- -- -- -- -- -- 0.1 7.5 0.25 0.5 1.0 - 0.7 - 0.14 - 0.35 - 1.1 0.36 0.9 2.4 -- -- -- -- -- -- -- -- -- -- -- -- 1.0 -- 7.5 15 30 mAdc 4.0 8.0 12.5 -- -- -- 4.0 8.0 12.5 2.75 5.50 8.25 -- -- -- 4.0 8.0 12.5 -- -- -- mAdc Min -- -- -- - 55_C 25_C 125_C Max Min -- -- -- Typ # 0 0 0 Max Min -- -- -- Max Unit Vdc Output Voltage Vin = VDD or 0 Vin = 0 or VDD "0" Level 0.05 0.05 0.05 -- -- -- 1.0 2.0 2.5 0.05 0.05 0.05 -- -- -- 1.0 2.0 2.5 0.05 0.05 0.05 -- -- -- 1.0 2.0 2.5 Vdc "1" Level VOH 4.95 9.95 14.95 -- -- -- 4.95 9.95 14.95 -- -- -- 5.0 10 15 2.25 4.50 6.75 4.95 9.95 14.95 -- -- -- Vdc Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) "1" Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) Input Current Input Capacitance (Vin = 0) Quiescent Current (Per Package) Total Supply Current** (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) VIL Vdc Sink Iin Cin IDD Adc pF Adc IT IT = (1.89 A/kHz) f + IDD IT = (3.80 A/kHz) f + IDD IT = (5.68 A/kHz) f + IDD Adc #Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. ** The formulas given are for the typical characteristics only at 25_C. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk where: IT is in A (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.006. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
PIN ASSIGNMENT
OUTA INA OUTB INB OUTC IN 1C IN 2C VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD IN 2F IN 1F OUTF INE OUTE IND OUTD
MC14572UB 2
MOTOROLA CMOS LOGIC DATA
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic Output Rise Time tTLH = (3.0 ns/pF) CL + 30 ns tTLH = (1.5 ns/pF) CL + 15 ns tTLH = (1.1 ns/pF) CL + 10 ns Symbol tTLH VDD 5.0 10 15 5.0 10 15 tPLH, tPHL 5.0 10 15 Min -- -- -- -- -- -- -- -- -- Typ # 180 90 65 100 50 40 90 50 40 Max 360 180 130 200 100 80 ns 180 100 80 Unit ns Output Fall Time tTHL = (1.5 ns/pF) CL + 25 ns tTHL = (0.75 ns/pF) CL + 12.5 ns tTHL = (0.55 ns/pF) CL + 9.5 ns Propagation Delay Time tPLH, tPHL = (1.7 ns/pF) CL + 5 ns tPLH, tPHL = (0.66 ns/pF) CL + 17 ns tPLH, tPHL = (0.5 ns/pF) CL + 15 ns tTHL ns * The formulas given are for the typical characteristics only at 25_C. #Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. VDD INPUT 2 16 OUTPUT 1 8 VSS CL 8 VSS PULSE GENERATOR INPUT 7 6 5 CL VDD 16 OUTPUT PULSE GENERATOR VDD 20 ns 16 INPUT 15 14 OUTPUT 13 8 VSS CL OUTPUT INPUT 90% 50% 10% tPHL 90% 50% 10% tf tr 90% 50% 10% tPLH 90% 50% 10% VOH VOL 20 ns VDD VSS PULSE GENERATOR
Figure 1. Switching Time Test Circuits and Waveforms
MOTOROLA CMOS LOGIC DATA
MC14572UB 3
OUTLINE DIMENSIONS
L SUFFIX CERAMIC DIP PACKAGE CASE 620-10 ISSUE V
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. DIM A B C D E F G H K L M N INCHES MIN MAX 0.750 0.785 0.240 0.295 --- 0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 --- 5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15 _ 0.51 1.01
-B-
1 8
C
L
-T-
SEATING PLANE
N E F D G
16 PL
K M J
16 PL
0.25 (0.010)
M
M
TB
S
0.25 (0.010)
TA
S
P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
MC14572UB 4
MOTOROLA CMOS LOGIC DATA
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA CMOS LOGIC DATA
*MC14572UB/D*
MC14572UB MC14572UB/D 5


▲Up To Search▲   

 
Price & Availability of MC14572UBCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X